Part Number Hot Search : 
1N5451C MIC2843 TK20J60W X4147 N4150 CY7C148 BD46302G 5N560K
Product Description
Full Text Search
 

To Download E36D351HPN102MAA5M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 86 u36d large can 85 c u36d series the u36d series is ideal for inverter applications requiring high ripple current capabilities. with a voltage range through 550 volts, the number of capacitors in series can be reduced. the u36d capacitors offer very large capacitance of up to 2.2f and a maximum operating temperature of 85 c. these capacitors are available with a variety of high current english or metric thread terminals. mounting options available are a three-footed clamp or bottom stud. (a special order two-footed clamp is also available for selected diameters.) all case size dimensions are based on inches. custom designs are available upon request. large can screw terminals high ripple up to 550vdc rated voltage dimensions in inches rohs compliant 85 c maximum temperature screw terminals: high and low post, english and metric thread. capacitance range: 68? to 2.2f. voltage range: 6.3 to 550vdc. category temperature range: 40 cto 85 c. leakage current: 0.02cv(a) or 5ma, whichever is smaller, after 5 minutes at 25 c. standard capacitance tolerance: 20% nominal case size (d l): d = 35mm (1.375) to 89mm (3.500); l = 41mm (1.625) to 220mm (8.625). rated lifetime: 2,000 hours at 85 c with rated ripple current applied. summary of specifications
united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 87 u36d series u36d large can 85 c u36d specifications - screw terminals item category temperature range 40 to 85 c rated voltage range 6.3 to 550vdc capacitance range 68 f to 2.2f at 25 c, 120hz capacitance tolerance 20% ( m ) at 25 c, 120hz endurance (load life) the following specifications shall be satisfied when the capacitors are restored to 25 c after subjecting them to dc voltage for 2,000 hours at 85 c with the rated ripple current applied. the sum of the dc voltage and peak ac voltage must not exceed the full rated voltage of the capacitors. capacitance change: 20% from initial measurement esr change : 300% of initial specified limit leakage current : initial specified limit shelf life the following specifications shall be satisfied when the capacitors are restored to 25 c after exposing them for 500 hours at 85 c without voltage applied. the rated voltage shall be applied to the capacitors for a minimum of 30 minutes, at least 24 hours and not more than 48 hours before the measurements. capacitance change: 20% from initial measurement esr change : 300% of initial specified limit leakage current : initial specified limit characteristics leakage current i 0.02cv ( a ) or 5ma, whichever is smaller, after 5 minutes at 25 c. where i = max. leakage current ( a ), c = nominal capacitance ( f ) and v = rated voltage ( v ) rated ripple current multipliers ambient temperature ( c) 55 c 2.39 65 c 2.22 75 c 1.67 85 c 1.00 frequency (hz ) 3khz 1.4 1khz 1.3 300hz 1.1 120hz 1.0 50hz 0.8
u36d large can 85 c u36d series united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 88 large can / screw terminals diagram of dimensions - screw terminals l f j insulating sleeve vent s t insulating end disk h d unit: inches (mm) case size code a41 a54 a67 a79 a92 aa5 ab7 ad0 ae3 c48 c54 c67 c79 c92 ca5 cb7 cd0 ce3 d79 da5 db7 dd0 de3 e79 e92 ea5 eb7 ed0 ee3 en0 fa5 fb7 fd0 fe3 1.375 (35.0) 2.000 (50.8) 2.500 (63.5) 3.000 (76.2) 3.500 (89.0) 1.625 (41) 2.125 (54) 2.625 (67) 3.125 (79) 3.625 (92) 4.125 (105) 4.625 (117) 5.125 (130) 5.625 (143) 1.875 (48) 2.125 (54) 2.625 (67) 3.125 (79) 3.625 (92) 4.125 (105) 4.625 (117) 5.125 (130) 5.625 (143) 3.125 (79) 4.125 (105) 4.625 (117) 5.125 (130) 5.625 (143) 3.125 (79) 3.625 (92) 4.125 (105) 4.625 (117) 5.125 (130) 5.625 (143) 8.625 (220) 4.125 (105) 4.625 (117) 5.125 (130) 5.625 (143) d 0.080 (2.0) l 0.040 (1.0) 0.500 (12.7) 0.875 (22.2) 1.125 (28.6) 1.250 (31.8) 1.250 (31.8) f 0.010 (0.25) case dimensions terminal code hp lp hl ml cd cp ch ca cs c-e c-e c-e c-e d-e d-f d-f d-f d-f 0.375 (9.5) 0.219 (5.6) 0.375 (9.5) 0.219 (5.6) 0.335 (8.5) 0.344 (8.7) 0.468 (11.9) 0.344 (8.7) 0.468 (11.9) 0.250 (6.4) 0.063 (1.6) 0.250 (6.4) 0.063 (1.6) 0.200 (5.0) 0.093 (2.4) 0.250 (6.4) 0.093 (2.4) 0.250 (6.4) 0.313 (8.0) 0.313 (8.0) 0.313 (8.0) 0.313 (8.0) 0.512 (13.0) 0.689 (17.5) 0.689 (17.5) 0.689 (17.5) 0.689 (17.5) 0.438 (11.1) 0.438 (11.1) 0.438 (11.1) 0.740 (18.8) 1.375 ?3.000 (35.0 ?76.2) 1.375 ?3.000 (35.0 ?76.2) 1.375 ?3.000 (35.0 ?76.2) 1.375 ?3.000 (35.0 ?76.2) 2.500 ?3.000 (63.5 ?76.2) 2.500 ?3.500 (63.5 ?89.0) 2.500 ?3.500 (63.5 ?89.0) 2.500 ?3.500 (63.5 ?89.0) 2.500 ?3.500 (63.5 ?89.0) l j l j l j l j l j l j l j l j l j j 0.020 (0.5) s 0.010 (0.25) t 0.010 (0.25) available case diameter h 0.080 (2.0) terminal specifications thread size minimum thread depth 10 - 32 nf- 2b 10 - 32 nf- 2b m5x0.8 - 6h m5x0.8 - 6h m5x0.8 - 6h 1 / 4 - 28 nf- 2b 1 / 4 - 28 nf- 2b m6x1- 6h m6x1- 6h d code d inches (mm)
united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 89 u36d series u36d large can 85 c type c: clamp dimensions type c: three-footed clamp type s: stud mounting clamp: zinc with silver trivalent chromate post treatment. hardware: screw, washer and hexagon nut included with each clamp. g 1.0 (0.040) j 0.5 (0.020) k 0.5 (0.020) r 1.0 (0.040) s 1.0 (0.040) t 0.5 (0.020) 13.3 (0.524) 13.3 (0.524) 13.3 (0.524) 16.0 (0.630) 4.5 (0.177) 4.5 (0.177) 4.5 (0.177) 4.5 (0.177) 7.1 (0.280) 7.1 (0.280) 7.1 (0.280) 8.0 (0.313) 19.1 (0.751) 19.1 (0.751) 19.1 (0.751) 21.0 (0.827) 9.5 (0.374) 9.5 (0.374) 9.5 (0.374) 9.0 (0.354) 0.8 (0.032) 0.8 (0.032) 1.0 (0.040) 1.0 (0.040) a 1.0 (0.040) b 1.0 (0.040) case d mounting code 35.0 (1.375) 50.8 (2.000) 63.5 (2.500) 76.2 (3.000) 89.0 (3.500) see note c c c c 31.8 (1.250) 38.1 (1.500) 44.5 (1.750) 50.8 (2.000) 36.5 (1.437) 42.9 (1.689) 49.2 (1.937) 56.5 (2.224) mounting hardware - screw terminals unit: mm (inches) 360 3 30 45 5 15 d 5.1 0.5 (2 holes) (0.201 0.020) j g k ab r s t note: type b two-footed clamp available upon request for 35, 50.8, 63.5 and 76.2. consult ucc for specifications. p t mn r d q k type s: stud mounting dimensions n 1.0 (0.040) k 2.0 (0.080) q 1.0 (0.040) r 1.0 (0.040) 18.0 (0.709) 30.0 (1.181) 22.0 (0.866) 1.40 (0.055) t thread size m 1.0 (0.040) p 1.0 (0.040) mounting code 16.0 (0.630) s m12 19.0 (0.748)
u36d series united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 90 u36d large can 85 c supplement code. field 18. c = pet insulation with end disk. f = coated can. m = pb-free pvc insulation with end disk. case size. fields 15, 16 and 17. the single letter diameter code is inserted in field 15. a= 35mm ( 1.375) c= 50.8mm ( 2.000) d= 63.5mm ( 2.500) e= 76.2mm ( 3.000) f= 89mm ( 3.500) the double character length code is inserted in fields 16 and 17. for lengths 99mm, insert the actual length rounded to nearest millimeter. for lengths of 100mm or more, insert the appropriate alpha numeric code as indicated below. 41 = 41mm (1.625) 48 = 48mm (1.875) 54 = 54mm (2.125) 67 = 67mm (2.625) 79 = 79mm (3.125) 92 = 92mm (3.625) a5 = 105mm (4.125) b7 = 117mm (4.625) d0 = 130mm (5.125) e3 = 143mm (5.625) n0= 220mm (8.625) capacitance tolerance. field 14. m= 20% capacitance. fields 11, 12 and 13. expressed in microfarads. the first two digits are significant figures inserted in fields 11 and 12, and the third digit inserted in field 13 indicates the number of zeros for capacitance of 10 f or more. r indicates the decimal point for capacitance less than 10 f (e.g. 1r8 = 1.8 f; 180 = 18 f; 181 = 180 f; 182 = 1,800 f; 183 = 18,000 f). mounting hardware. field 10. n = none. b = two-footed clamp. c = three-footed clamp. s = stud mount. terminal type. fields 8 and 9. hp = high post 10-32 nf- 2b screw thread. lp = low post 10-32 nf- 2b screw thread. hl = high post m5x0.8 screw thread. ml = low post m5x0.8 screw thread. cd = ute m5x0.8 screw thread. cp = low post 1 / 4 -28 nf-2b screw thread. ch = high post 1 / 4 -28 nf-2b screw thread. ca = low post m6x1 screw thread. cs = high post m6x1 screw thread. dc rated voltage. fields 5, 6 and 7. expressed in volts. the first two digits are significant figures inserted in fields 5 and 6, and the third digit inserted in field 7 indicates the number of zeros for rated voltage of 10vdc or more. r indicates the decimal point for rated voltage less than 10vdc (e.g. 4r0 = 4.0vdc; 400 = 40vdc; 401 = 400vdc). series name. fields 2, 3 and 4. enter the 3-letter/digit series name in fields 2, 3 and 4. if the series name is only 2 letters/digits, place a dash in field 4. for a series name with more than 3 letters/digits, refer to the individual series for the appropriate 3-field series name. capacitor type. field 1. aluminum electrolytic capacitor (polar). part numbering system for u36d series when ordering, always specify complete 18-field global part number. e 3 6d 4 01 hp n 182 m d 79 m 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 18 9 8 7 6 5 4 3 2 1 18 fields
united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 91 u36d series u36d large can 85 c 16 volts 20 volts surge 10 volts 13 volts surge 6.3 volts 8 volts surge 39,000 e36d6r3hpn393ma41m 1.375 1.625 a41 42.7 4.48 68,000 e36d6r3hpn683ma54m 1.375 2.125 a54 25.5 6.35 120,000 e36d6r3hpn124ma79m 1.375 3.125 a79 15.4 9.47 180,000 e36d6r3hpn184maa5m 1.375 4.125 aa5 11.2 11.10 220,000 e36d6r3hpn224mab7m 1.375 4.625 ab7 9.8 12.55 270,000 e36d6r3hpn274mae3m 1.375 5.625 ae3 8.4 15.27 120,000 e36d6r3hpn124mc54m 2.000 2.125 c54 16.9 7.72 220,000 e36d6r3hpn224mc67m 2.000 2.625 c67 9.1 10.85 270,000 e36d6r3hpn274mc79m 2.000 3.125 c79 8.8 12.60 390,000 e36d6r3hpn394mc92m 2.000 3.625 c92 7.5 15.71 470,000 e36d6r3hpn474mcb7m 2.000 4.625 cb7 5.8 17.95 560,000 e36d6r3hpn564mcd0m 2.000 5.125 cd0 5.2 19.94 680,000 e36d6r3hpn684mce3m 2.000 5.625 ce3 5.0 22.31 470,000 e36d6r3hpn474md79m 2.500 3.125 d79 8.9 15.39 680,000 e36d6r3hpn684mda5m 2.500 4.125 da5 6.5 20.69 820,000 e36d6r3hpn824mdb7m 2.500 4.625 db7 5.8 21.02 1,000,000 e36d6r3hpn105mde3m 2.500 5.625 de3 4.9 24.55 680,000 e36d6r3hpn684me79m 3.000 3.125 e79 10.0 17.32 820,000 e36d6r3hpn824me92m 3.000 3.625 e92 8.6 19.55 1,000,000 e36d6r3hpn105mea5m 3.000 4.125 ea5 7.5 22.10 1,200,000 e36d6r3hpn125meb7m 3.000 4.625 eb7 6.8 24.59 1,500,000 e36d6r3hpn155mee3m 3.000 5.625 ee3 5.6 29.17 2,200,000 e36d6r3hpn225men0m 3.000 8.625 en0 3.9 41.67 33,000 e36d100hpn333ma41m 1.375 1.625 a41 40.9 3.65 56,000 e36d100hpn563ma54m 1.375 2.125 a54 25.0 4.99 82,000 e36d100hpn823ma67m 1.375 2.625 a67 18.0 6.44 100,000 e36d100hpn104ma79m 1.375 3.125 a79 15.0 7.65 120,000 e36d100hpn124ma92m 1.375 3.625 a92 12.9 8.45 150,000 e36d100hpn154maa5m 1.375 4.125 aa5 10.9 10.03 180,000 e36d100hpn184mab7m 1.375 4.625 ab7 10.6 11.24 220,000 e36d100hpn224mae3m 1.375 5.625 ae3 8.3 12.71 82,000 e36d100hpn823mc48m 2.000 1.875 c48 21.0 6.36 100,000 e36d100hpn104mc54m 2.000 2.125 c54 16.6 7.37 150,000 e36d100hpn154mc67m 2.000 2.625 c67 11.5 9.18 220,000 e36d100hpn224mc79m 2.000 3.125 c79 8.8 11.93 270,000 e36d100hpn274mc92m 2.000 3.625 c92 7.4 13.07 330,000 e36d100hpn334mca5m 2.000 4.125 ca5 6.4 15.32 390,000 e36d100hpn394mcb7m 2.000 4.625 cb7 5.7 16.35 470,000 e36d100hpn474mce3m 2.000 5.625 ce3 4.9 19.08 330,000 e36d100hpn334md79m 2.500 3.125 d79 8.7 12.77 560,000 e36d100hpn564mda5m 2.500 4.125 da5 6.3 18.77 680,000 e36d100hpn684mdb7m 2.500 4.625 db7 5.7 19.14 820,000 e36d100hpn824mde3m 2.500 5.625 de3 4.9 20.73 680,000 e36d100hpn684me92m 3.000 3.625 e92 8.9 18.43 820,000 e36d100hpn824mea5m 3.000 4.125 ea5 7.7 21.39 1,000,000 e36d100hpn105med0m 3.000 5.125 ed0 6.0 23.50 1,200,000 e36d100hpn125mee3m 3.000 5.625 ee3 5.7 26.84 1,800,000 e36d100hpn185men0m 3.000 8.625 en0 4.0 37.69 22,000 e36d160hpn223ma41m 1.375 1.625 a41 44.2 3.16 39,000 e36d160hpn393ma54m 1.375 2.125 a54 26.1 4.50 56,000 e36d160hpn563ma67m 1.375 2.625 a67 19.0 5.63 68,000 e36d160hpn683ma79m 1.375 3.125 a79 15.8 6.68 82,000 e36d160hpn823ma92m 1.375 3.625 a92 13.5 7.86 100,000 e36d160hpn104maa5m 1.375 4.125 aa5 11.6 9.23 120,000 e36d160hpn124mab7m 1.375 4.625 ab7 10.2 10.33 150,000 e36d160hpn154mae3m 1.375 5.625 ae3 8.7 12.69 56,000 e36d160hpn563mc48m 2.000 1.875 c48 21.7 5.51 68,000 e36d160hpn683mc54m 2.000 2.125 c54 17.2 6.37 ? for terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * refer to diagram of dimensions for detailed case size specifications. standard voltage ratings - screw terminals rated voltage (wvdc) capacitance (f) case size code global part number ? nominal case size* d l (inches) maximum esr (m ) at 25 c, 120hz rated ripple current (a rms) at 85 c, 120hz
u36d series united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 92 u36d large can 85 c 35 volts 44 volts surge 25 volts 32 volts surge 16 volts 20 volts surge ? for terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * refer to diagram of dimensions for detailed case size specifications. 15,000 e36d250hpn153ma41m 1.375 1.625 a41 44.0 3.05 27,000 e36d250hpn273ma54m 1.375 2.125 a54 25.7 4.38 39,000 e36d250hpn393ma67m 1.375 2.625 a67 18.7 5.50 47,000 e36d250hpn473ma79m 1.375 3.125 a79 15.7 6.49 56,000 e36d250hpn563ma92m 1.375 3.625 a92 13.5 7.60 68,000 e36d250hpn683maa5m 1.375 4.125 aa5 11.6 8.89 82,000 e36d250hpn823mab7m 1.375 4.625 ab7 10.2 9.99 100,000 e36d250hpn104mae3m 1.375 5.625 ae3 8.8 12.12 39,000 e36d250hpn393mc48m 2.000 1.875 c48 21.7 5.66 47,000 e36d250hpn473mc54m 2.000 2.125 c54 17.2 6.52 82,000 e36d250hpn823mc67m 2.000 2.625 c67 12.2 9.15 100,000 e36d250hpn104mc79m 2.000 3.125 c79 9.2 10.84 150,000 e36d250hpn154mca5m 2.000 4.125 ca5 6.7 13.66 180,000 e36d250hpn184mcb7m 2.000 4.625 cb7 5.9 15.71 220,000 e36d250hpn224mce3m 2.000 5.625 ce3 5.1 19.03 180,000 e36d250hpn184md79m 2.500 3.125 d79 8.7 13.34 270,000 e36d250hpn274mda5m 2.500 4.125 da5 6.3 18.44 330,000 e36d250hpn334mdb7m 2.500 4.625 db7 5.7 20.39 390,000 e36d250hpn394mde3m 2.500 5.625 de3 5.0 24.24 330,000 e36d250hpn334me92m 3.000 3.625 e92 8.2 19.61 390,000 e36d250hpn394mea5m 3.000 4.125 ea5 7.8 22.54 470,000 e36d250hpn474meb7m 3.000 4.625 eb7 6.4 24.52 560,000 e36d250hpn564mee3m 3.000 5.625 ee3 5.7 26.73 820,000 e36d250hpn824men0m 3.000 8.625 en0 3.9 38.03 10,000 e36d350hpn103ma41m 1.375 1.625 a41 47.1 2.57 18,000 e36d350hpn103ma54m 1.375 2.125 a54 27.4 3.70 27,000 e36d350hpn103ma67m 1.375 2.625 a67 19.3 4.73 33,000 e36d350hpn103ma79m 1.375 3.125 a79 16.1 5.63 39,000 e36d350hpn103ma92m 1.375 3.625 a92 13.9 6.56 47,000 e36d350hpn103maa5m 1.375 4.125 aa5 12.0 7.65 56,000 e36d350hpn103mab7m 1.375 4.625 ab7 10.6 8.54 68,000 e36d350hpn103mad0m 1.375 5.125 ad0 10.3 9.89 22,000 e36d350hpn223mc48m 2.000 1.875 c48 22.4 4.32 33,000 e36d350hpn333mc54m 2.000 2.125 c54 17.7 5.55 56,000 e36d350hpn563mc67m 2.000 2.625 c67 12.5 7.68 68,000 e36d350hpn683mc79m 2.000 3.125 c79 9.5 9.08 100,000 e36d350hpn104mc92m 2.000 3.625 c92 8.0 11.09 120,000 e36d350hpn124mcb7m 2.000 4.625 cb7 6.1 12.83 150,000 e36d350hpn154mce3m 2.000 5.625 ce3 5.9 15.04 120,000 e36d350hpn124md79m 2.500 3.125 d79 9.1 11.34 180,000 e36d350hpn184mda5m 2.500 4.125 da5 6.7 15.68 220,000 e36d350hpn224mdb7m 2.500 4.625 db7 5.8 18.17 270,000 e36d350hpn274mde3m 2.500 5.625 de3 5.0 22.01 120,000 e36d160hpn124mc54m 2.000 2.625 c54 12.2 9.00 150,000 e36d160hpn154mc67m 2.000 3.125 c67 9.2 10.79 220,000 e36d160hpn224mc92m 2.000 3.625 c92 6.7 13.19 270,000 e36d160hpn274mcb7m 2.000 4.625 cb7 5.9 15.71 330,000 e36d160hpn334mce3m 2.000 5.625 ce3 5.1 19.03 220,000 e36d160hpn224md79m 2.500 3.125 d79 8.7 12.59 390,000 e36d160hpn394mda5m 2.500 4.125 da5 6.3 18.91 470,000 e36d160hpn474mdb7m 2.500 4.625 db7 5.7 20.24 560,000 e36d160hpn564mde3m 2.500 5.625 de3 4.9 24.15 470,000 e36d160hpn474me92m 3.000 3.625 e92 8.7 19.11 560,000 e36d160hpn564mea5m 3.000 4.125 ea5 7.5 22.05 680,000 e36d160hpn684meb7m 3.000 4.625 eb7 6.3 22.91 820,000 e36d160hpn824mee3m 3.000 5.625 ee3 5.6 25.28 1,200,000 e36d160hpn125men0m 3.000 8.625 en0 3.9 34.52 standard voltage ratings - screw terminals rated voltage (wvdc) capacitance (f) case size code global part number ? nominal case size* d l (inches) maximum esr (m ) at 25 c, 120hz rated ripple current (a rms) at 85 c, 120hz
united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 93 u36d series u36d large can 85 c 63 volts 79 volts surge 50 volts 63 volts surge 35 volts 44 volts surge ? for terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * refer to diagram of dimensions for detailed case size specifications. 6,800 e36d500hpn682ma41m 1.375 1.625 a41 48.8 3.10 12,000 e36d500hpn123ma54m 1.375 2.125 a54 28.7 4.34 18,000 e36d500hpn183ma67m 1.375 2.625 a67 22.8 5.40 22,000 e36d500hpn223ma79m 1.375 3.125 a79 16.8 6.39 27,000 e36d500hpn273ma92m 1.375 3.625 a92 14.2 7.47 33,000 e36d500hpn333maa5m 1.375 4.125 aa5 12.1 8.57 39,000 e36d500hpn393mab7m 1.375 4.625 ab7 11.8 9.34 47,000 e36d500hpn473mae3m 1.375 5.625 ae3 9.3 11.03 15,000 e36d500hpn153mc48m 2.000 1.875 c48 25.4 5.13 22,000 e36d500hpn223mc54m 2.000 2.125 c54 18.4 6.42 33,000 e36d500hpn333mc67m 2.000 2.625 c67 12.8 8.20 47,000 e36d500hpn473mc79m 2.000 3.125 c79 9.7 10.09 56,000 e36d500hpn563mc92m 2.000 3.625 c92 8.3 11.90 68,000 e36d500hpn683mca5m 2.000 4.125 ca5 7.1 13.36 82,000 e36d500hpn823mcb7m 2.000 4.625 cb7 6.3 15.20 100,000 e36d500hpn104mce3m 2.000 5.625 ce3 5.4 17.99 68,000 e36d500hpn683md79m 2.500 3.125 d79 9.0 12.06 120,000 e36d500hpn124mda5m 2.500 4.125 da5 6.6 15.71 150,000 e36d500hpn154mdb7m 2.500 4.625 db7 5.9 17.81 180,000 e36d500hpn184mde3m 2.500 5.625 de3 5.0 20.74 120,000 e36d500hpn124me92m 3.000 3.625 e92 8.3 14.86 150,000 e36d500hpn154mea5m 3.000 4.125 ea5 7.3 16.74 180,000 e36d500hpn184meb7m 3.000 4.625 eb7 6.6 18.42 220,000 e36d500hpn224med0m 3.000 5.125 ed0 6.2 20.04 390,000 e36d500hpn394men0m 3.000 8.625 en0 4.0 31.15 4,700 e36d630hpn472ma41m 1.375 1.625 a41 52.8 2.99 8,200 e36d630hpn472ma54m 1.375 2.125 a54 31.2 4.17 12,000 e36d630hpn472ma67m 1.375 2.625 a67 22.2 5.17 15,000 e36d630hpn472ma79m 1.375 3.125 a79 18.2 6.15 18,000 e36d630hpn472ma92m 1.375 3.625 a92 15.5 7.14 22,000 e36d630hpn472maa5m 1.375 4.125 aa5 13.2 8.22 27,000 e36d630hpn472mad0m 1.375 5.125 ad0 11.1 9.64 33,000 e36d630hpn472mae3m 1.375 5.625 ae3 9.7 10.75 12,000 e36d630hpn123mc48m 2.000 1.875 c48 25.2 5.24 15,000 e36d630hpn153mc54m 2.000 2.125 c54 19.8 6.21 22,000 e36d630hpn223mc67m 2.000 2.625 c67 13.8 7.91 33,000 e36d630hpn333mc79m 2.000 3.125 c79 11.2 9.85 39,000 e36d630hpn393mc92m 2.000 3.625 c92 8.7 11.62 47,000 e36d630hpn473mca5m 2.000 4.125 ca5 7.5 13.01 56,000 e36d630hpn563mcb7m 2.000 4.625 cb7 6.7 14.74 68,000 e36d630hpn683mce3m 2.000 5.625 ce3 5.7 17.51 47,000 e36d630hpn473md79m 2.500 3.125 d79 9.3 11.86 82,000 e36d630hpn823mda5m 2.500 4.125 da5 6.8 15.60 100,000 e36d630hpn104mdb7m 2.500 4.625 db7 6.0 17.66 120,000 e36d630hpn124mde3m 2.500 5.625 de3 5.2 20.55 100,000 e36d630hpn104me92m 3.000 3.625 e92 9.1 14.20 120,000 e36d630hpn124mea5m 3.000 4.125 ea5 7.9 16.10 150,000 e36d630hpn154med0m 3.000 5.125 ed0 6.2 19.88 180,000 e36d630hpn184mee3m 3.000 5.625 ee3 5.9 21.42 270,000 e36d630hpn274men0m 3.000 8.625 en0 4.1 31.94 220,000 e36d350hpn224me92m 3.000 3.625 e92 8.9 16.73 270,000 e36d350hpn274mea5m 3.000 4.125 ea5 7.8 19.58 330,000 e36d350hpn334med0m 3.000 5.125 ed0 6.0 22.72 390,000 e36d350hpn394mee3m 3.000 5.625 ee3 5.7 24.75 560,000 e36d350hpn564men0m 3.000 8.625 en0 3.9 35.94 standard voltage ratings - screw terminals rated voltage (wvdc) capacitance (f) case size code global part number ? nominal case size* d l (inches) maximum esr (m ) at 25 c, 120hz rated ripple current (a rms) at 85 c, 120hz
u36d series united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 94 u36d large can 85 c 160 volts 200 volts surge 100 volts 125 volts surge 80 volts 100 volts surge ? for terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * refer to diagram of dimensions for detailed case size specifications. 2,700 e36d800hpn272ma41m 1.375 1.625 a41 61.9 2.77 4,700 e36d800hpn472ma54m 1.375 2.125 a54 36.4 3.87 5,600 e36d800hpn562ma67m 1.375 2.625 a67 30.0 4.44 8,200 e36d800hpn822ma79m 1.375 3.125 a79 21.7 5.65 10,000 e36d800hpn103ma92m 1.375 3.625 a92 18.2 6.60 12,000 e36d800hpn123maa5m 1.375 4.125 aa5 15.6 7.56 15,000 e36d800hpn153mad0m 1.375 5.125 ad0 12.9 8.93 18,000 e36d800hpn183mae3m 1.375 5.625 ae3 12.8 9.99 5,600 e36d800hpn562mc48m 2.000 1.875 c48 32.5 4.62 8,200 e36d800hpn822mc54m 2.000 2.125 c54 23.2 5.59 12,000 e36d800hpn123mc67m 2.000 2.625 c67 16.1 7.32 18,000 e36d800hpn183mc79m 2.000 3.125 c79 13.0 9.22 22,000 e36d800hpn223mc92m 2.000 3.625 c92 9.8 10.95 27,000 e36d800hpn273mca5m 2.000 4.125 ca5 9.8 12.39 33,000 e36d800hpn333mcb7m 2.000 4.625 cb7 8.0 14.12 39,000 e36d800hpn393mce3m 2.000 5.625 ce3 6.3 16.65 27,000 e36d800hpn273md79m 2.500 3.125 d79 10.1 11.34 39,000 e36d800hpn393mda5m 2.500 4.125 da5 7.4 15.07 56,000 e36d800hpn563mdd0m 2.500 5.125 dd0 5.9 18.51 47,000 e36d800hpn473me92m 3.000 3.625 e92 8.7 14.52 56,000 e36d800hpn563mea5m 3.000 4.125 ea5 7.5 16.51 68,000 e36d800hpn683meb7m 3.000 4.625 eb7 6.7 18.28 82,000 e36d800hpn823med0m 3.000 5.125 ed0 6.2 19.88 100,000 e36d800hpn104mee3m 3.000 5.625 ee3 5.5 21.42 120,000 e36d800hpn124men0m 3.000 8.625 en0 4.1 31.53 1,800 e36d101hpn182ma41m 1.375 1.625 a41 72.1 2.57 2,700 e36d101hpn272ma54m 1.375 2.125 a54 47.5 3.39 3,900 e36d101hpn392ma67m 1.375 2.625 a67 33.6 4.21 4,700 e36d101hpn472ma79m 1.375 3.125 a79 28.1 4.97 5,600 e36d101hpn562ma92m 1.375 3.625 a92 23.6 6.22 8,200 e36d101hpn822mab7m 1.375 4.625 ab7 17.2 7.39 10,000 e36d101hpn103mad0m 1.375 5.125 ad0 14.7 8.41 3,900 e36d101hpn392mc48m 2.000 1.875 c48 36.4 4.38 5,600 e36d101hpn562mc54m 2.000 2.125 c54 26.2 5.41 8,200 e36d101hpn822mc67m 2.000 2.625 c67 18.2 6.92 10,000 e36d101hpn103mc79m 2.000 3.125 c79 14.8 8.23 15,000 e36d101hpn153mc92m 2.000 3.625 c92 12.5 10.38 18,000 e36d101hpn183mcb7m 2.000 4.625 cb7 9.0 12.65 22,000 e36d101hpn223mcd0m 2.000 5.125 cd0 7.8 14.15 27,000 e36d101hpn273mce3m 2.000 5.625 ce3 7.6 15.91 18,000 e36d101hpn183md79m 2.500 3.125 d79 11.2 10.83 27,000 e36d101hpn273mda5m 2.500 4.125 da5 8.0 14.41 33,000 e36d101hpn333mdb7m 2.500 4.625 db7 7.1 16.47 39,000 e36d101hpn393mde3m 2.500 5.625 de3 6.0 19.15 33,000 e36d101hpn333me92m 3.000 3.625 e92 9.3 14.05 39,000 e36d101hpn393mea5m 3.000 4.125 ea5 8.0 16.00 47,000 e36d101hpn473meb7m 3.000 4.625 eb7 7.2 17.65 56,000 e36d101hpn563med0m 3.000 5.125 ed0 6.6 19.42 82,000 e36d101hpn823men0m 3.000 8.625 en0 4.3 30.41 820 e36d161hpn821ma41m 1.375 1.625 a41 202.0 1.95 1,500 e36d161hpn152ma54m 1.375 2.125 a54 110.0 2.83 2,200 e36d161hpn222ma67m 1.375 2.625 a67 76.9 3.57 2,700 e36d161hpn272ma79m 1.375 3.125 a79 57.4 4.26 3,300 e36d161hpn332ma92m 1.375 3.625 a92 51.1 5.05 3,900 e36d161hpn392maa5m 1.375 4.125 aa5 43.6 5.83 4,700 e36d161hpn472mab7m 1.375 4.625 ab7 36.7 6.55 5,600 e36d161hpn562mae3m 1.375 5.625 ae3 31.0 7.85 standard voltage ratings - screw terminals rated voltage (wvdc) capacitance (f) case size code global part number ? nominal case size* d l (inches) maximum esr (m ) at 25 c, 120hz rated ripple current (a rms) at 85 c, 120hz
united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 95 u36d series u36d large can 85 c 250 volts 300 volts surge 200 volts 250 volts surge 160 volts 200 volts surge 680 e36d201hpn681ma41m 1.375 1.625 a41 205.0 1.78 1,000 e36d201hpn102ma54m 1.375 2.125 a54 137.0 2.31 1,500 e36d201hpn152ma67m 1.375 2.625 a67 92.0 2.95 1,800 e36d201hpn182ma79m 1.375 3.125 a79 76.6 3.48 2,200 e36d201hpn222ma92m 1.375 3.625 a92 63.0 4.12 2,700 e36d201hpn272maa5m 1.375 4.125 aa5 51.8 4.85 3,300 e36d201hpn332mab7m 1.375 4.625 ab7 43.0 5.49 3,900 e36d201hpn392mad0m 1.375 5.125 ad0 36.8 6.27 1,500 e36d201hpn152mc48m 2.000 1.875 c48 97.1 3.19 2,200 e36d201hpn222mc54m 2.000 2.125 c54 67.0 4.05 3,300 e36d201hpn332mc67m 2.000 2.625 c67 44.8 5.27 3,900 e36d201hpn392mc79m 2.000 3.125 c79 37.4 6.15 5,600 e36d201hpn562mc92m 2.000 3.625 c92 26.6 7.87 8,200 e36d201hpn822mcb7m 2.000 4.625 cb7 18.9 10.60 10,000 e36d201hpn103mce3m 2.000 5.625 ce3 15.7 12.83 6,800 e36d201hpn682md79m 2.500 3.125 d79 24.9 9.26 10,000 e36d201hpn103mda5m 2.500 4.125 da5 17.3 12.67 12,000 e36d201hpn123mdb7m 2.500 4.625 db7 14.5 14.55 15,000 e36d201hpn153mde3m 2.500 5.625 de3 12.1 17.79 12,000 e36d201hpn123me92m 3.000 3.625 e92 17.0 14.49 15,000 e36d201hpn153mea5m 3.000 4.125 ea5 14.3 17.12 18,000 e36d201hpn183meb7m 3.000 4.625 eb7 12.4 19.64 22,000 e36d201hpn223med0m 3.000 5.125 ed0 10.8 22.72 33,000 e36d201hpn333men0m 3.000 8.625 en0 7.3 35.17 2,200 e36d161hpn222mc48m 2.000 1.875 c48 80.9 3.86 2,700 e36d161hpn272mc54m 2.000 2.125 c54 64.7 4.49 3,900 e36d161hpn392mc67m 2.000 2.625 c67 44.7 5.73 5,600 e36d161hpn562mc79m 2.000 3.125 c79 31.8 7.37 8,200 e36d161hpn822mc92m 2.000 3.625 c92 22.4 9.53 10,000 e36d161hpn103mcb7m 2.000 4.625 cb7 18.4 11.71 12,000 e36d161hpn123mcd0m 2.000 5.125 cd0 15.9 13.46 10,000 e36d161hpn103md79m 2.500 3.125 d79 21.5 11.23 15,000 e36d161hpn153mda5m 2.500 4.125 da5 14.9 15.52 18,000 e36d161hpn183mdb7m 2.500 4.625 db7 12.5 17.82 22,000 e36d161hpn223mde3m 2.500 5.625 de3 10.6 21.54 18,000 e36d161hpn183me92m 3.000 3.625 e92 15.2 17.74 22,000 e36d161hpn223mea5m 3.000 4.125 ea5 12.9 20.73 27,000 e36d161hpn273med0m 3.000 5.125 ed0 10.3 25.17 33,000 e36d161hpn333mee3m 3.000 5.625 ee3 9.2 29.02 47,000 e36d161hpn473men0m 3.000 8.625 en0 6.7 41.98 ? for terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * refer to diagram of dimensions for detailed case size specifications. 470 e36d251hpn471ma41m 1.375 1.625 a41 271.2 1.48 820 e36d251hpn821ma54m 1.375 2.125 a54 154.3 2.09 1,200 e36d251hpn122ma67m 1.375 2.625 a67 105.8 2.64 1,500 e36d251hpn152ma79m 1.375 3.125 a79 84.7 3.18 1,800 e36d251hpn182ma92m 1.375 3.625 a92 70.8 3.73 2,200 e36d251hpn222maa5m 1.375 4.125 aa5 58.4 4.38 2,700 e36d251hpn272mad0m 1.375 5.125 ad0 47.8 5.21 3,300 e36d251hpn332mae3m 1.375 5.625 ae3 39.8 6.03 1,200 e36d251hpn122mc48m 2.000 1.875 c48 111.5 2.85 1,500 e36d251hpn152mc54m 2.000 2.125 c54 87.9 3.34 2,200 e36d251hpn222mc67m 2.000 2.625 c67 59.8 4.31 3,300 e36d251hpn332mc79m 2.000 3.125 c79 40.8 5.66 3,900 e36d251hpn392mc92m 2.000 3.625 c92 34.4 6.57 4,700 e36d251hpn472mca5m 2.000 4.125 ca5 28.8 7.65 5,600 e36d251hpn562mcb7m 2.000 4.625 cb7 24.5 8.76 6,800 e36d251hpn682mce3m 2.000 5.625 ce3 20.3 10.58 4,700 e36d251hpn472md79m 2.500 3.125 d79 31.0 7.70 8,200 e36d251hpn822mda5m 2.500 4.125 da5 19.2 11.47 standard voltage ratings - screw terminals rated voltage (wvdc) capacitance (f) case size code global part number ? nominal case size* d l (inches) maximum esr (m ) at 25 c, 120hz rated ripple current (a rms) at 85 c, 120hz
u36d series united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 96 u36d large can 85 c 350 volts 400 volts surge 315 volts 365 volts surge 250 volts 300 volts surge ? for terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * refer to diagram of dimensions for detailed case size specifications. 10,000 e36d251hpn103mdb7m 2.500 4.625 db7 18.4 13.28 12,000 e36d251hpn123mde3m 2.500 5.625 de3 13.6 15.91 10,000 e36d251hpn103me92m 3.000 3.625 e92 18.8 13.22 12,000 e36d251hpn123mea5m 3.000 4.125 ea5 15.9 15.31 15,000 e36d251hpn153med0m 3.000 5.125 ed0 12.6 18.76 18,000 e36d251hpn183mee3m 3.000 5.625 ee3 11.2 21.43 27,000 e36d251hpn273men0m 3.000 8.625 en0 7.7 31.82 220 e36d351hpn221ma41m 1.375 1.625 a41 887.0 1.17 330 e36d351hpn331ma54m 1.375 2.125 a54 545.0 1.53 470 e36d351hpn471ma67m 1.375 2.625 a67 379.0 1.91 680 e36d351hpn681ma79m 1.375 3.125 a79 262.0 2.47 820 e36d351hpn821ma92m 1.375 3.625 a92 217.0 2.91 1,000 E36D351HPN102MAA5M 1.375 4.125 aa5 178.0 3.41 1,200 e36d351hpn122mad0m 1.375 5.125 ad0 148.0 4.01 470 e36d351hpn471mc48m 2.000 1.875 c48 390.0 2.06 680 e36d351hpn681mc54m 2.000 2.125 c54 267.0 2.60 1,000 e36d351hpn102mc67m 2.000 2.625 c67 180.0 3.35 1,200 e36d351hpn122mc79m 2.000 3.125 c79 149.0 3.94 1,800 e36d351hpn182mc92m 2.000 3.625 c92 100.0 5.15 2,200 e36d351hpn222mca5m 2.000 4.125 ca5 82.5 6.04 2,700 e36d351hpn272mcb7m 2.000 4.625 cb7 67.3 7.03 3,300 e36d351hpn332mce3m 2.000 5.625 ce3 55.3 8.51 2,200 e36d351hpn222md79m 2.500 3.125 d79 84.5 6.08 3,300 e36d351hpn332mda5m 2.500 4.125 da5 56.6 8.40 3,900 e36d351hpn392mdb7m 2.500 4.625 db7 47.9 9.58 4,700 e36d351hpn472mdd0m 2.500 5.125 dd0 40.4 11.02 3,900 e36d351hpn392me92m 3.000 3.625 e92 49.9 9.54 4,700 e36d351hpn472mea5m 3.000 4.125 ea5 41.7 11.06 5,600 e36d351hpn562meb7m 3.000 4.625 eb7 35.3 12.65 6,800 e36d351hpn682med0m 3.000 5.125 ed0 29.6 14.59 8,200 e36d351hpn822mee3m 3.000 5.625 ee3 25.1 16.70 12,000 e36d351hpn123men0m 3.000 8.625 en0 17.4 24.49 6,800 e36d351lln682mfa5m 3.500 4.125 fa5 32.0 11.39 8,200 e36d351lln822mfb7m 3.500 4.625 fb7 27.0 12.88 10,000 e36d351lln103mfe3m 3.500 5.625 fe3 23.0 15.17 standard voltage ratings - screw terminals rated voltage (wvdc) capacitance (f) case size code global part number ? nominal case size* d l (inches) maximum esr (m ) at 25 c, 120hz rated ripple current (a rms) at 85 c, 120hz 390 e36d3b1hpn391ma54m 1.375 2.125 a54 513.0 1.44 560 e36d3b1hpn391ma67m 1.375 2.625 a67 356.0 1.80 820 e36d3b1hpn821ma79m 1.375 3.125 a79 243.0 2.35 1,000 e36d3b1hpn102ma92m 1.375 3.625 a92 200.0 2.78 1,200 e36d3b1hpn122mab7m 1.375 4.625 ab7 166.0 3.31 1,500 e36d3b1hpn152mad0m 1.375 5.125 ad0 133.0 3.89 560 e36d3b1hpn561mc48m 2.000 1.875 c48 366.0 1.95 820 e36d3b1hpn821mc54m 2.000 2.125 c54 248.0 2.47 1,200 e36d3b1hpn122mc67m 2.000 2.625 c67 168.0 3.18 1,500 e36d3b1hpn152mc79m 2.000 3.125 c79 134.0 3.81 2,200 e36d3b1hpn222mc92m 2.000 3.625 c92 92.0 4.94 2,700 e36d3b1hpn272mcb7m 2.000 4.625 cb7 74.9 6.09 3,300 e36d3b1hpn332mcd0m 2.000 5.125 cd0 61.8 7.06 3,900 e36d3b1hpn392mce3m 2.000 5.625 ce3 52.5 8.01 2,700 e36d3b1hpn272md79m 2.500 3.125 d79 77.5 5.83 3,900 e36d3b1hpn392mda5m 2.500 4.125 da5 53.8 7.91 4,700 e36d3b1hpn472mdb7m 2.500 4.625 db7 44.7 9.11 5,600 e36d3b1hpn562mdd0m 2.500 5.125 dd0 38.1 10.41 4,700 e36d3b1hpn472me92m 3.000 3.625 e92 46.8 9.07 5,600 e36d3b1hpn562mea5m 3.000 4.125 ea5 39.4 10.46 6,800 e36d3b1hpn682meb7m 3.000 4.625 eb7 32.9 12.07 8,200 e36d3b1hpn822med0m 3.000 5.125 ed0 27.8 13.87 15,000 e36d3b1hpn153men0m 3.000 8.625 en0 15.9 23.71
united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 97 u36d series u36d large can 85 c 450 volts 500 volts surge 400 volts 450 volts surge ? for terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * refer to diagram of dimensions for detailed case size specifications. 180 e36d401hpn181ma41m 1.375 1.625 a41 921.0 1.06 330 e36d401hpn331ma54m 1.375 2.125 a54 495.0 1.53 390 e36d401hpn391ma67m 1.375 2.625 a67 416.0 1.74 560 e36d401hpn561ma79m 1.375 3.125 a79 289.0 2.24 680 e36d401hpn681ma92m 1.375 3.625 a92 238.0 2.65 820 e36d401hpn821maa5m 1.375 4.125 aa5 197.0 3.09 1,000 e36d401hpn102mab7m 1.375 4.625 ab7 162.0 3.49 1,200 e36d401hpn122mae3m 1.375 5.625 ae3 135.0 4.20 390 e36d401hpn391mc48m 2.000 1.875 c48 416.0 1.88 560 e36d401hpn561mc54m 2.000 2.125 c54 295.0 2.36 820 e36d401hpn821mc67m 2.000 2.625 c67 200.0 3.04 1,200 e36d401hpn122mc79m 2.000 3.125 c79 137.0 3.94 1,500 e36d401hpn152mc92m 2.000 3.625 c92 109.0 4.71 1,800 e36d401hpn182mca5m 2.000 4.125 ca5 91.5 5.47 2,200 e36d401hpn222mcb7m 2.000 4.625 cb7 75.0 6.34 2,700 e36d401hpn272mce3m 2.000 5.625 ce3 61.3 7.70 1,800 e36d401hpn182md79m 2.500 3.125 d79 93.5 5.50 2,700 e36d401hpn272mda5m 2.500 4.125 da5 62.6 7.60 3,900 e36d401hpn392mdb7m 2.500 4.625 db7 44.2 9.58 4,700 e36d401hpn472mde3m 2.500 5.625 de3 37.0 11.50 3,900 e36d401hpn392me92m 3.000 3.625 e92 46.5 9.54 4,700 e36d401hpn472mea5m 3.000 4.125 ea5 38.8 11.06 5,600 e36d401hpn562med0m 3.000 5.125 ed0 32.3 13.24 6,800 e36d401hpn682mee3m 3.000 5.625 ee3 27.1 15.21 10,000 e36d401hpn103men0m 3.000 8.625 en0 18.7 22.36 5,600 e36d401lln562mfa5m 3.500 4.125 fa5 37.0 10.59 6,800 e36d401lln682mfb7m 3.500 4.625 fb7 31.0 12.02 8,200 e36d401lln822mfd0m 3.500 5.125 fd0 26.0 13.82 150 e36d451hpn151ma41m 1.375 1.625 a41 1,687.8 0.96 270 e36d451hpn271ma54m 1.375 2.125 a54 923.3 1.39 330 e36d451hpn331ma67m 1.375 2.625 a67 749.9 1.60 470 e36d451hpn471ma79m 1.375 3.125 a79 525.5 2.05 560 e36d451hpn561ma92m 1.375 3.625 a92 440.3 2.40 680 e36d451hpn681maa5m 1.375 4.125 aa5 362.5 2.81 820 e36d451hpn821mab7m 1.375 4.625 ab7 300.7 3.16 1,000 e36d451hpn102mae3m 1.375 5.625 ae3 246.6 3.83 330 e36d451hpn331mc48m 2.000 1.875 c48 653.4 1.73 470 e36d451hpn471mc54m 2.000 2.125 c54 535.9 2.16 680 e36d451hpn681mc67m 2.000 2.625 c67 366.8 2.76 1,000 e36d451hpn102mc79m 2.000 3.125 c79 249.0 3.60 1,200 e36d451hpn122mc92m 2.000 3.625 c92 207.1 4.21 1,500 e36d451hpn152mca5m 2.000 4.125 ca5 165.8 4.99 1,800 e36d451hpn182mcb7m 2.000 4.625 cb7 138.3 5.74 2,200 e36d451hpn222mce3m 2.000 5.625 ce3 113.2 6.95 1,500 e36d451hpn152md79m 2.500 3.125 d79 168.2 5.02 2,200 e36d451hpn222mda5m 2.500 4.125 da5 114.5 6.86 2,700 e36d451hpn272mdb7m 2.500 4.625 db7 93.7 7.97 3,300 e36d451hpn332mdd0m 2.500 5.125 dd0 77.1 9.23 3,900 e36d451hpn392mde3m 2.500 5.625 de3 65.6 10.47 2,700 e36d451hpn272me92m 3.000 3.625 e92 95.6 7.93 3,900 e36d451hpn392mea5m 3.000 4.125 ea5 78.4 10.08 4,700 e36d451hpn472med0m 3.000 5.125 ed0 55.7 12.13 5,600 e36d451hpn562mee3m 3.000 5.625 ee3 47.2 13.80 8,200 e36d451hpn822men0m 3.000 8.625 en0 32.4 20.25 4,700 e36d451lln472mfa5m 3.500 4.125 fa5 67.0 7.87 5,600 e36d451lln562mfb7m 3.500 4.625 fb7 56.0 8.94 6,800 e36d451lln682mfd0m 3.500 5.125 fd0 47.0 10.28 standard voltage ratings - screw terminals rated voltage (wvdc) capacitance (f) case size code global part number ? nominal case size* d l (inches) maximum esr (m ) at 25 c, 120hz rated ripple current (a rms) at 85 c, 120hz
u36d series united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 98 u36d large can 85 c 500 volts 550 volts surge 550 volts 600 volts surge 100 e36d501hpn101ma41m 1.375 1.625 a41 3,918.0 0.60 180 e36d501hpn181ma54m 1.375 2.125 a54 2,141.0 0.87 220 e36d501hpn221ma67m 1.375 2.625 a67 1,739.0 1.00 330 e36d501hpn331ma79m 1.375 3.125 a79 1,155.0 1.32 390 e36d501hpn391ma92m 1.375 3.625 a92 975.0 1.54 470 e36d501hpn471maa5m 1.375 4.125 aa5 808.0 1.79 560 e36d501hpn561mab7m 1.375 4.625 ab7 677.0 2.00 680 e36d501hpn681mae3m 1.375 5.625 ae3 557.0 2.42 220 e36d501hpn221mc48m 2.000 1.875 c48 1,453.0 1.08 330 e36d501hpn331mc54m 2.000 2.125 c54 1,177.0 1.39 470 e36d501hpn471mc67m 2.000 2.625 c67 817.0 1.76 680 e36d501hpn681mc79m 2.000 3.125 c79 563.0 2.27 820 e36d501hpn821mc92m 2.000 3.625 c92 465.0 2.67 1,000 e36d501hpn102mca5m 2.000 4.125 ca5 381.0 3.12 1,200 e36d501hpn122mcb7m 2.000 4.625 cb7 317.0 3.59 1,500 e36d501hpn152mce3m 2.000 5.625 ce3 253.0 4.40 1,000 e36d501hpn102md79m 2.500 3.125 d79 320.0 3.14 1,500 e36d501hpn152mda5m 2.500 4.125 da5 213.0 4.35 2,200 e36d501hpn222mdb7m 2.500 4.625 db7 212.0 5.52 2,200 e36d501hpn222me92m 3.000 3.625 e92 175.0 5.49 2,700 e36d501hpn272meb7m 3.000 4.625 eb7 142.0 6.74 3,900 e36d501hpn392mee3m 3.000 5.625 ee3 99.0 8.83 5,600 e36d501hpn562men0m 3.000 8.625 en0 69.0 12.83 3,900 e36d501lln392mfa5m 3.500 4.125 fa5 131.0 5.63 4,700 e36d501lln472mfb7m 3.500 4.625 fb7 109.0 6.62 5,600 e36d501lln562mfd0m 3.500 5.125 fd0 92.0 7.35 6,800 e36d501lln682mfe3m 3.500 5.625 fe3 76.0 8.35 68 e36d551hpn680ma41m 1.375 1.625 a41 3,997.0 0.50 120 e36d551hpn121ma54m 1.375 2.125 a54 2,227.0 0.71 150 e36d551hpn151ma67m 1.375 2.625 a67 1,769.0 0.83 220 e36d551hpn221ma79m 1.375 3.125 a79 1,202.0 1.08 270 e36d551hpn271ma92m 1.375 3.625 a92 977.0 1.28 330 e36d551hpn331mab7m 1.375 4.625 ab7 797.0 1.54 390 e36d551hpn391mad0m 1.375 5.125 ad0 674.0 1.75 470 e36d551hpn471mae3m 1.375 5.625 ae3 559.0 2.01 220 e36d551hpn221mc54m 2.000 2.125 c54 1,224.0 1.13 330 e36d551hpn331mc67m 2.000 2.625 c67 808.0 1.48 470 e36d551hpn471mc79m 2.000 3.125 c79 565.0 1.89 560 e36d551hpn561mc92m 2.000 3.625 c92 472.0 2.21 680 e36d551hpn681mca5m 2.000 4.125 ca5 388.0 2.58 820 e36d551hpn821mcb7m 2.000 4.625 cb7 322.0 2.97 1,000 e36d551hpn102mce3m 2.000 5.625 ce3 263.0 3.59 680 e36d551hpn681md79m 2.500 3.125 d79 391.0 2.59 1,000 e36d551hpn102mda5m 2.500 4.125 da5 265.0 3.89 1,200 e36d551hpn122mdb7m 2.500 4.625 db7 220.0 4.56 1,500 e36d551hpn152mde3m 2.500 5.625 de3 176.0 5.46 1,200 e36d551hpn122me92m 3.000 3.625 e92 222.0 4.06 1,500 e36d551hpn152mea5m 3.000 4.125 ea5 178.0 4.79 1,800 e36d551hpn182meb7m 3.000 4.625 eb7 148.0 5.50 2,200 e36d551hpn222med0m 3.000 5.125 ed0 121.0 6.36 3,900 e36d551hpn392men0m 3.000 8.625 en0 69.0 10.71 1,800 e36d551lln182mfa5m 3.500 4.125 fa5 159.0 5.11 2,200 e36d551lln222mfb7m 3.500 4.625 fb7 130.0 6.06 2,700 e36d551lln272mfd0m 3.500 5.125 fd0 107.0 6.81 3,300 e36d551lln332mfe3m 3.500 5.625 fe3 88.0 7.76 ? for terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * refer to diagram of dimensions for detailed case size specifications. standard voltage ratings - screw terminals rated voltage (wvdc) capacitance (f) case size code global part number ? nominal case size* d l (inches) maximum esr (m ) at 25 c, 120hz rated ripple current (a rms) at 85 c, 120hz


▲Up To Search▲   

 
Price & Availability of E36D351HPN102MAA5M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X